Part Number Hot Search : 
A1103 MC2307 SMV1440L IRF7350 SNC21060 27C21 A1743 R2100
Product Description
Full Text Search
 

To Download 154007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fuse Blocks and Clips
For NANO2(R) Surface Mount Fuses
SMF OMNI-BLOK(R) Fuse Block Molded Base Type 154 Series
The SMF Omni-Blok(R) Fuseholder permits quick and easy replacement of Nano2(R) SMF surface mount fuses. The fuse block and pre-installed fuse combination can be placed on the PC board in one efficient manufacturing operation. Fuse replacement is accomplished without exposing the PC board to the detrimental effects of solder heat. Refer to notes 1 and 2, below, for fuse/fuseholder combinations available.
(R)
(R)
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA.
SPECIFICATIONS: Electrical: 8 Amperes, 125 Volts. Molded Parts: Thermoplastic (94V0). Terminals: Tin/Lead Alloy Plated Beryllium Copper. Ambient Temperature: - 55C to +125C. Shock: MIL-STD-202, Method 213, Test Condition I
(100 G's peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10- 55 Hz). Thermal Shock: MIL-STD-202, Method 107, Condition A
(200 cycles: 30 minutes at - 55C, 30 minutes at 125C).
Soldering Parameters (Fuse Installed):
154 000: 500F (260C), 30 sec. 154 000T: 445F (230C), 30 sec. Solderability: MIL-STD-202, Method 208. Packaging: 16mm Tape and Reel for use with automatic pick and place equipment per EIA Standard 481; 1,500 per reel, add suffix DR. Reflow --
PATENTED ORDERING INFORMATION:
With Very Fast-Acting Fuse Installed Catalog Ampere Number Rating 154.062 1/16 154.125 1/8 154.250 1/4 154.375 3/8 154.500 1/2 154.750 3/4 154 001 1 154 01.5 1.5 154 002 2 154 02.5 2.5 154 003 3 154 03.5 3.5 154 004 4 154 005 5 154 007 7 154 008 8 154 010 10 With Slo-Blo(R) Fuse Installed Catalog Ampere Number Rating 154.375T 3/8 154.500T 1/2 154.750T 3/4 154 001T 1 154 01.5T 11/2 154 002T 2 154 02.5T 21/2 154 003T 3 154 03.5T 31/2 154 004T 4 154 005T 5
1
Fuse Furnished1 0453.062 0453.125 0453.250 0453.375 0453.500 0453.750 0453 001. 0453 01.5 0453 002. 0453 02.5 0453 003. 0453 03.5 0453 004. 0453 005. 0453 007. 0453 008. 0453 010. Fuse Furnished2 0454.375 0454.500 0454.750 0454 001. 0454 01.5 0454 002. 0454 02.5 0454 003. 0454 03.5 0454 004. 0454 005.
2.13 (.084") REF. 10.62 (.418")
1 5 5
3.81 (.150") 4.24 (.167")
Recommended Pad Layout
7A
9.73 (.383") REF.
FUSE
F L
L F
3.81 (.150") 5.03 (.198")
374
453 Series Fuse has silver plated end caps, installed to accommodate solder reflow process. Use either 451 or 453 Series for replacement purposes, page 371. 454 Series Fuse has silver plated end caps, installed to accommodate solder reflow process. Use either 452 or 454 Series for replacement purposes, page 372.
2
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 154007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X